Part Number Hot Search : 
PC811 BTB857D3 28F64 28100 00050 S20C45C MCR707A 31600
Product Description
Full Text Search
 

To Download MOC3041 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MOC3041/D
GlobalOptoisolatorTM
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
(400 Volts Peak)
The MOC3041, MOC3042 and MOC3043 devices consist of gallium arsenide infrared emitting diodes optically coupled to a monolithic silicon detector performing the function of a Zero Voltage Crossing bilateral triac driver. They are designed for use with a triac in the interface of logic systems to equipment powered from 115 Vac lines, such as solid-state relays, industrial controls, motors, solenoids and consumer appliances, etc. * * * * Simplifies Logic Control of 115 Vac Power Zero Voltage Crossing dv/dt of 2000 V/s Typical, 1000 V/s Guaranteed To order devices that are tested and marked per VDE 0884 requirements, the suffix "V" must be included at end of part number. VDE 0884 is a test option. Recommended for 115/240 Vac(rms) Applications: * Solenoid/Valve Controls * Lighting Controls * Static Power Switches * AC Motor Drives MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating INFRARED EMITTING DIODE Reverse Voltage Forward Current -- Continuous Total Power Dissipation @ TA = 25C Negligible Power in Output Driver Derate above 25C OUTPUT DRIVER Off-State Output Terminal Voltage Peak Repetitive Surge Current (PW = 100 s, 120 pps) Total Power Dissipation @ TA = 25C Derate above 25C TOTAL DEVICE Isolation Surge Voltage(1) (Peak ac Voltage, 60 Hz, 1 Second Duration) Total Power Dissipation @ TA = 25C Derate above 25C Junction Temperature Range Ambient Operating Temperature Range(2) Storage Temperature Range(2) VISO PD TJ TA Tstg 7500 250 2.94 - 40 to +100 - 40 to +85 - 40 to +150 Vac(pk) mW mW/C C C C VDRM ITSM PD 400 1 150 1.76 Volts A mW mW/C VR IF PD 6 60 120 1.41 Volts mA mW mW/C Symbol Value Unit
MOC3041 MOC3042 MOC3043 *
[IFT = 15 mA Max] [IFT = 10 mA Max] [IFT = 5 mA Max] *Motorola Preferred Device
STYLE 6 PLASTIC
6
1
STANDARD THRU HOLE CASE 730A-04
* * * *
Temperature Controls E.M. Contactors AC Motor Starters Solid State Relays
2 3
ZERO CROSSING CIRCUIT
COUPLER SCHEMATIC
1 6 5 4
1. 2. 3. 4. 5. 5. 6.
ANODE CATHODE NC MAIN TERMINAL SUBSTRATE DO NOT CONNECT MAIN TERMINAL
Soldering Temperature (10 s) TL 260 C 1. Isolation surge voltage, VISO, is an internal device dielectric breakdown rating. 1. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common. 2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Preferred devices are Motorola recommended choices for future use and best overall value.
GlobalOptoisolator is a trademark of Motorola, Inc.
(Replaces MOC3040/D) (c)MotorolaInc. 1995 Motorola, Optoelectronics Device Data 1
MOC3041 MOC3042 MOC3043
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic INPUT LED Reverse Leakage Current (VR = 6 V) Forward Voltage (IF = 30 mA) OUTPUT DETECTOR (IF = 0 unless otherwise noted) Leakage with LED Off, Either Direction (Rated VDRM(1)) Peak On-State Voltage, Either Direction (ITM = 100 mA Peak) Critical Rate of Rise of Off-State Voltage(3) COUPLED LED Trigger Current, Current Required to Latch Output (Main Terminal Voltage = 3 V(2)) MOC3041 MOC3042 MOC3043 Holding Current, Either Direction Isolation Voltage (f = 60 Hz, t = 1 sec) ZERO CROSSING Inhibit Voltage (IF = Rated IFT, MT1-MT2 Voltage above which device will not trigger.) Leakage in Inhibited State (IF = Rated IFT, Rated VDRM, Off State) 1. 2. 2. 3. VIH -- 5 20 Volts IFT -- -- -- IH VISO -- 7500 -- -- -- 250 -- 15 10 5 -- -- A Vac(pk) mA IDRM1 VTM dv/dt -- -- 1000 2 1.8 2000 100 3 -- nA Volts V/s IR VF -- -- 0.05 1.3 100 1.5 A Volts Symbol Min Typ Max Unit
IDRM2
--
--
500
A
Test voltage must be applied within dv/dt rating. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between IFT (15 mA for MOC3041, 10 mA for MOC3042, 5 mA for MOC3043) and absolute max IF (60 mA). This is static dv/dt. See Figure 7 for test circuit. Commutating dv/dt is a function of the load-driving thyristor(s) only.
TYPICAL ELECTRICAL CHARACTERISTICS TA = 25C
+800 ITM , ON-STATE CURRENT (mA) +600 +400 +200 0 -200 -400 -600 -800 -4 -3 -2 -1 0 1 2 3 VTM, ON-STATE VOLTAGE (VOLTS) 4 5 -40 -20 0 20 40 60 TA, AMBIENT TEMPERATURE (C) 80
Figure 1. On-State Characteristics
NORMALIZED IFT
OUTPUT PULSE WIDTH - 80 s IF = 30 mA f = 60 Hz TA = 25C
1.5 1.4 1.3 1.2 1.1 1 0.9 0.8 0.7
NORMALIZED TO TA = 25C
Figure 2. Trigger Current versus Temperature
2
Motorola Optoelectronics Device Data
MOC3041 MOC3042 MOC3043
500 I DRM1, PEAK BLOCKING CURRENT (nA) IF = 0 IDRM2, NORMALIZED 1.5 1.4 200 100 50 1.3 1.2 1.1 1 0.9 0.8 0.7 0.6 5 -40 -20 0 20 40 60 80 100 TA, AMBIENT TEMPERATURE (C) -40 -20 0 20 40 60 80 100 TA, AMBIENT TEMPERATURE (C) IF = RATED IFT
20 10
Figure 3. IDRM1, Peak Blocking Current versus Temperature
IFT, NORMALIZED LED TRIGGER CURRENT 25 20
Figure 4. IDRM2, Leakage in Inhibit State versus Temperature
1.5 1.4 IFT, NORMALIZED 1.3 1.2 1.1 1 0.9 0.8 0.7
NORMALIZED TO TA = 25C
NORMALIZED TO: PWin 100 s TA = 25C
q
15
10
5 0 1 2 5 10 20 50 PWin, LED TRIGGER PULSE WIDTH (s) 100
-40
-20
0 20 40 60 TA, AMBIENT TEMPERATURE (C)
80
100
Figure 5. Trigger Current versus Temperature
Figure 6. LED Current Required to Trigger versus LED Pulse Width
+400 Vdc
RTEST
R = 10 k
PULSE INPUT
CTEST MERCURY WETTED RELAY X100 SCOPE PROBE
D.U.T.
1. The mercury wetted relay provides a high speed repeated pulse to the D.U.T. 2. 100x scope probes are used, to allow high speeds and voltages. 3. The worst-case condition for static dv/dt is established by triggering the D.U.T. with a normal LED input current, then removing the current. The variable RTEST allows the dv/dt to be gradually increased until the D.U.T. continues to trigger in response to the applied voltage pulse, even after the LED current has been removed. The dv/dt is then decreased until the D.U.T. stops triggering. tRC is measured at this point and recorded. Vmax = 400 V
APPLIED VOLTAGE WAVEFORM
252 V dv dt
tRC
0 VOLTS
V + 0.63 RCmax + 252 RC
t t
Figure 7. Static dv/dt Test Circuit
Motorola Optoelectronics Device Data
3
MOC3041 MOC3042 MOC3043
VCC Rin 1 6 360 HOT 39 240 Vac 0.01 LOAD NEUTRAL MOC3041/ 5 2 3042/ 3043 3 4 330
Typical circuit for use when hot line switching is required. In this circuit the "hot" side of the line is switched and the load connected to the cold or neutral side. The load may be connected to either the neutral or hot line. Rin is calculated so that IF is equal to the rated IFT of the part, 5 mA for the MOC3043, 10 mA for the MOC3042, or 15 mA for the MOC3041. The 39 ohm resistor and 0.01 F capacitor are for snubbing of the triac and may or may not be necessary depending upon the particular triac and load used.
* For highly inductive loads (power factor < 0.5), change this value to 360 ohms.
Figure 8. Hot-Line Switching Application Circuit
240 Vac R1 1 Rin 2 3 MOC3041/ 3042/ 3043 6 5 4 360 SCR SCR NOTE: This optoisolator should not be used to drive a load directly. It is intended to be a trigger device only. D2 R2 LOAD D1
VCC
Suggested method of firing two, back-to-back SCR's, with a Motorola triac driver. Diodes can be 1N4001; resistors, R1 and R2, are optional 330 ohms.
Figure 9. Inverse-Parallel SCR Driver Circuit
4
Motorola Optoelectronics Device Data
MOC3041 MOC3042 MOC3043
PACKAGE DIMENSIONS
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L M N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.300 BSC 0_ 15 _ 0.015 0.100 STYLE 6: PIN 1. 2. 3. 4. 5. 6. MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 7.62 BSC 0_ 15 _ 0.38 2.54
-B-
1 3
F 4 PL
N
C
L
-T-
SEATING PLANE
K G J 6 PL 0.13 (0.005) TA
M M
E 6 PL D 6 PL 0.13 (0.005)
M
M
TB
M
A
M
B
M
ANODE CATHODE NC MAIN TERMINAL SUBSTRATE MAIN TERMINAL
CASE 730A-04 ISSUE G
-A-
6 1 4
-B-
3
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.020 0.025 0.008 0.012 0.006 0.035 0.320 BSC 0.332 0.390 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.51 0.63 0.20 0.30 0.16 0.88 8.13 BSC 8.43 9.90
F 4 PL
H C
L
-T- G E 6 PL D 6 PL 0.13 (0.005)
M
J K 6 PL 0.13 (0.005) TA
M M
SEATING PLANE
TB
M
A
M
B
M
DIM A B C D E F G H J K L S
CASE 730C-04 ISSUE D
*Consult factory for leadform option availability
Motorola Optoelectronics Device Data
5
MOC3041 MOC3042 MOC3043
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.400 0.425 0.015 0.040 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 10.16 10.80 0.38 1.02
-B-
1 3
F 4 PL
N C
L
-T-
SEATING PLANE
G D 6 PL
K 0.13 (0.005)
M
J TA
M
E 6 PL
B
M
*Consult factory for leadform option availability
CASE 730D-05 ISSUE D
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA / EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
*MOC3041/D*
Motorola OptoelectronicsMOC3041/D Device Data


▲Up To Search▲   

 
Price & Availability of MOC3041

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X